Part Number Hot Search : 
01308 AIDM30J LL5228B 00031 CDA5Q SFU450 TDE17670 CDB4353
Product Description
Full Text Search
 

To Download MTZJ2V4 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  data sheet semiconductor http://www.yeashin.com 1 rev.02 20120403 mtzj2v0~39v 500 mw do-34 hermetically sealed glass zener voltage regulators absolute maximum ratings t a = 25c unless otherwise noted parameter value units power dissipation 500 mw storage temperature range -65 to +200 c operating junction temperature +175 c lead temperature (1/16? from case for 10 seconds) 230 c these ratings are limiting values above which the serviceability of the diode may be impaired. specification features: ? zener voltage range 2.0 to 39 volts ? do-34 package (jedec do-204) ? through-hole device type mounting ? hermetically sealed glass ? compression bonded construction ? all external surfaces are corrosion resistant and leads are readily solderable ? rohs compliant ? solder hot dip tin (sn) lead finish ? cathode indicated by polarity band electrical characteristics t a = 25c unless otherwise noted vz@izt device type t tolerance min nom max izt (ma) zzt@izt (ohms) max zzk@izk (ohms) max izk (ma) i r @ v r (ua) max v r (v) a 5.5% 1.880 1.990 2.100 mtzj2v0 b 4.3% 2.020 2.110 2.200 5 100 1000 0.5 120 0.5 a 4.0% 2.120 2.210 2.300 mtzj2v2 b 4.1% 2.220 2.315 2.410 5 100 1000 0.5 100 0.7 a 3.9% 2.330 2.425 2.520 MTZJ2V4 b 4.0% 2.430 2.530 2.630 5 100 1000 0.5 120 1.0 a 4.0% 2.540 2.645 2.750 mtzj2v7 b 3.9% 2.690 2.800 2.910 5 110 1000 0.5 100 1.0 a 3.7% 2.850 2.960 3.070 mtzj3v0 b 3.4% 3.010 3.115 3.220 5 120 1000 0.5 50 1.0 a 3.4% 3.160 3.270 3.380 mtzj3v3 b 3.1% 3.320 3.425 3.530 5 120 1000 0.5 20 1.0 a 3.6% 3.455 3.575 3.695 mtzj3v6 b 3.3% 3.600 3.723 3.845 5 100 1000 1 10 1.0 a 3.5% 3.740 3.875 4.010 mtzj3v9 b 3.3% 3.890 4.025 4.160 5 100 1000 1 5 1.0 a 3.0% 4.040 4.165 4.290 b 3.0% 4.170 4.300 4.430 mtzj4v3 c 3.0% 4.300 4.435 4.570 5 100 1000 1 5 1.0 cathode anode electrical symbol axial lead do34 xxx =device code tcmtzjxxx t (tolerance) =a, b, c or d band color =black device marking diagram xxx t
http://www.yeashin.com 2 rev.02 20120403 electrical characteristics t a = 25c unless otherwise noted v z @izt device type t tolerance min nom max izt (ma) zzt@izt (ohms) max zzk@izk (ohms) max izk (ma) i r @v r (ua) max v r (v) a 2.6% 4.44 4.56 4.68 b 2.8% 4.55 4.68 4.80 mtzj4v7 c 2.7% 4.68 4.81 4.93 5 80 900 1 5 1.0 a 2.6% 4.81 4.94 5.07 b 2.6% 4.94 5.07 5.20 mtzj5v1 c 2.7% 5.09 5.23 5.37 5 80 800 1 5 1.5 a 2.4% 5.28 5.41 5.55 b 2.5% 5.45 5.59 5.73 mtzj5v6 c 2.6% 5.61 5.76 5.91 5 60 500 1 5 2.5 a 2.7% 5.78 5.94 6.09 b 2.6% 5.96 6.12 6.27 mtzj6v2 c 2.5% 6.12 6.28 6.44 5 60 300 1 5 3.0 a 2.6% 6.29 6.46 6.63 b 2.6% 6.49 6.66 6.83 mtzj6v8 c 2.6% 6.66 6.84 7.01 5 20 150 0.5 2 3.5 a 2.7% 6.85 7.04 7.22 b 2.6% 7.07 7.26 7.45 mtzj7v5 c 2.5% 7.29 7.48 7.67 5 20 120 0.5 0.5 4.0 a 2.6% 7.53 7.73 7.92 b 2.6% 7.78 7.99 8.19 mtzj8v2 c 2.5% 8.03 8.24 8.45 5 20 120 0.5 0.5 5.0 a 2.6% 8.29 8.51 8.73 b 2.5% 8.57 8.79 9.01 mtzj9v1 c 2.6% 8.83 9.07 9.30 5 25 120 0.5 0.5 6.0 a 2.6% 9.12 9.36 9.59 b 2.6% 9.41 9.66 9.90 c 2.5% 9.70 9.95 10.20 mtzj10v d 2.5% 9.94 10.19 10.44 5 30 120 0.5 0.2 7.0 a 2.6% 10.18 10.45 10.71 b 2.6% 10.50 10.78 11.05 mtzj11v c 2.5% 10.82 11.10 11.38 5 30 120 0.5 0.2 8.0 a 2.5% 11.13 11.42 11.71 b 2.6% 11.44 11.74 12.03 mtzj12v c 2.6% 11.74 12.05 12.35 5 30 110 0.5 0.2 9.0 a 2.6% 12.11 12.43 12.75 b 2.6% 12.55 12.88 13.21 mtzj13v c 2.6% 12.99 13.33 13.66 5 35 110 0.5 0.2 10 a 2.5% 13.44 13.79 14.13 b 2.6% 13.89 14.26 14.62 mtzj15v c 2.5% 14.35 14.72 15.09 5 40 110 0.5 0.2 11 a 2.6% 14.80 15.19 15.57 b 2.6% 15.25 15.65 16.04 mtzj16v c 2.5% 15.69 16.10 16.51 5 40 150 0.5 0.2 12 a 2.5% 16.22 16.64 17.06 b 2.5% 16.82 17.26 17.70 mtzj18v c 2.6% 17.42 17.88 18.33 5 45 150 0.5 0.2 13 a 2.5% 18.02 18.49 18.96 b 2.5% 18.63 19.11 19.59 c 2.5% 19.23 19.73 20.22 mtzj20v d 2.5% 19.72 20.22 20.72 5 55 200 0.5 0.2 15 mtzj2v0~39v
http://www.yeashin.com 3 rev.02 20120403 electrical characteristics t a = 25c unless otherwise noted v z @izt device type t tolerance min nom max izt (ma) zzt@izt (ohms) max zzk@izk (ohms) max izk (ma) i r @v r (ua) max v r (v) a 2.2% 20.15 20.68 21.20 b 2.5% 20.64 21.18 21.71 c 2.5% 21.08 21.63 22.17 mtzj22v d 2.5% 21.52 22.08 22.63 5 30 200 0.5 0.2 17 a 2.5% 22.05 22.62 23.18 b 2.5% 22.61 23.19 23.77 c 2.5% 23.12 23.72 24.31 mtzj24v d 2.5% 23.63 24.24 24.85 5 35 200 0.5 0.2 19 a 2.5% 24.26 24.89 25.52 b 2.5% 24.97 25.62 26.26 c 2.5% 25.63 26.29 26.95 mtzj27v d 2.5% 26.29 26.97 27.64 5 45 250 0.5 0.2 21 a 2.5% 26.99 27.69 28.39 b 2.5% 27.70 28.42 29.13 c 2.5% 28.36 29.09 29.82 mtzj30v d 2.5% 29.02 29.77 30.51 5 55 250 0.5 0.2 23 a 2.5% 29.68 30.45 31.22 b 2.5% 30.32 31.10 31.88 c 2.5% 30.90 31.70 32.50 mtzj33v d 2.5% 31.49 32.30 33.11 5 65 250 0.5 0.2 25 a 2.5% 32.14 32.97 33.79 b 2.5% 32.79 33.64 34.49 c 2.5% 33.40 34.27 35.13 mtzj36v d 2.5% 34.01 34.89 35.77 5 75 250 0.5 0.2 27 a 2.5% 34.68 35.58 36.47 b 2.5% 35.36 36.28 37.19 c 2.5% 36.00 36.93 37.85 mtzj39v d 2.5% 36.63 37.58 38.52 5 85 250 0.5 0.2 30 vf (forward voltage) = 1.2 v maximum @ if = 200ma for all types note: 1. the zener voltage subdivision (vz) is measured 40ms after diode is powered up. 2. the operating resistance (zzt and zzk) is measured by superimposing a minute alternation current in the regulated current (iz). 3. when ordering, please specify tolerance a, b, c or d. mtzj2v0~39v
http://www.yeashin.com 4 rev.02 20120403 package outline & dimensions package outline package case outline do-34 do-34 millimeters inches dimension min max min max a 0.46 0.55 0.018 .0022 b 2.16 3.04 0.085 0.120 c 25.40 38.10 1.000 1.500 d 1.27 1.90 0.050 0.075 note: 1.0 all dimensions are within jedec standard. 2.0 do-34 polarity denoted by cathode band. mtzj2v0~39v


▲Up To Search▲   

 
Price & Availability of MTZJ2V4

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X